Part Number Hot Search : 
N74HC 30SMCJ10 NCP1207P B7841 A1250 N74HC16 RS206 34283G2
Product Description
Full Text Search
 

To Download HTSW-105-15-T-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54mm) .100" tsw, htsw series tsw?116 ?11? g ? s tsw?108?05?l?q tsw?209?09?f?s?ra www.samtec.com tsw standard strip = no. pins per row mates with: ssw, ssq, ssm, esw, esq, bcs, bsw, ces, slw, idsd, idss, smsd, smss type strip pin centers straight pin versions ? s ? d ? t ? q ? s ? d ? t ? q note: some lengths, styles and options are non-standard, non-returnable. 01 thru 50 = .100" (2,54mm) center version 02 thru 25 = .200" (5,08mm) center version (2,54) .100 (2,54) .100 x no. of positions (2,54) .100 (2,54) .100 (5,08) .200 (7,62) .300 01 50 100 02 99 01 03 148 150 01 (5,08) .200 (2,54) .100 (5,02) .198 (2,48) .098 150 148 (7,62) .300 03 01 (7,56) .298 (5,08) .200 (7,56) .298 tsw htsw (2,54) .100 (2,54) .100 x no. of positions (3,02) .119 (1,78) .070 (5,56) .219 50 01 02 100 01 99 tsw htsw (5,08) .200 (2,54) .100 (8,12) .320 (1,78) .070 (3,09) .122 (1,78) .070 (6,10) .240 (1,78) .070 01 148 03 150 01 148 03 150 (2,54) .100 (1,78) .070 (1,78) .070 (2,54) .100 (8,12) .320 (1,78) .070 (8,10) .319 (5,08) .200 (1,78) .070 (8,10) .319 right angle versions htsw = hi-temp strip f-212 (2,54) .100 (5,08) .200 ?1 = .100" (2,54mm) centers, all positions filled ? 2 = .200" (5,08mm) centers, every other position filled for complete speci cations see www .samtec.com?tsw tsw insulator material: black glass filled polyester terminal material: phosphor bronze plating: au or sn over 50? (1,27?) ni operating temp range: -55? to +125? with gold -55? to +105? with tin voltage rating: 550 vac mated with ssw; 500 vac mated with bcs or esq; 450 vac -ra/-re mated with bcs or ssm rohs compliant: ye s lead?free solderable: wave only specifications for complete speci cations see www.samtec.com?htsw htsw same as tsw except: insulator material: natural liquid crystal polymer specifications horizontal applications bcs tsw through-hole .025" sq post header current rating ambient temp tsw mated with esw ssw slw ssq ssm bcs 20c 6.9a 6.9a 7.1a 7.6a 6.9a 5.9a 40c 6a 6.1a 6.2a 6.9a 6a 5.2a 60c 5.3a 5.3a 5.8a 5.9a 5.3a 4.7a 95c 3.5a 3.5a 3.7a 3.9a 3.5a 3a 6 positions (2x3) powered also available shunts. see snt series
tsw?112?07?g?t tsw?109?10?f?d?ra tsw?120?13?l?d tsw?112?16?t?s?re www.samtec.com two leads per strip crimped in opposite directions on or near centerline. see charts for available styles. n/a with single row 1 or 2 positions. recommended hole size (1,02mm ?0,03mm) .040" ?.001" other options (2,29) .090 (7,37) .290 (9,91) .390 (12,45) .490 (14,99) .590 (20,07) .790 (5,08) .200 n/a (4,83) .190 (2,54) .100 n/a (17,53) .690 n/a (15,24) .600 straight pin versions (specify ?lead style? from chart) right angle versions (specify ?lead style? from chart and select ?ra or ?re from other options) triple (?t & ? q) a ? re lead style (4,83) .190 (7,37) .290 (9,91) .390 (12,45) .490 (17,53) .690 (2,54) .100 (22,61) .890 (2,29) .090 (20,07) .790 (14,99) .590 ? 09 ?10 ?11 ?12 ?13 ?16 ? 21 ? 22 ? 27 ? 28 single a ? ra lead style ? 08 ? 09 ?10 ?11 ?12 ?13 ?16 ? 21 ? 22 ? 25 ? 27 ? 28 ? 29 ? 30 (2,29) .090 (7,37) .290 (9,91) .390 (12,45) .490 (14,99) .590 (20,07) .790 (5,08) .200 (25,15) .990 (4,83) .190 (2,54) .100 (22,61) .890 (17,53) .690 (20,32) .800 (15,24) .600 a (5,84) .230 (8,13) .320 (5,84) .230 (8,13) .320 (5,84) .230 (8,13) .320 c single (? s) double (? d) a (2,29) .090 (7,37) .290 (9,91) .390 (12,45) .490 (14,99) .590 n/a (5,08) .200 n/a (4,83) .190 (2,54) .100 n/a c ? 05 ? 06 ? 07 ? 08 ? 09 ?10 ?11 ?12 ?13 ?14 ?15 ?16 ?17 b style a (8,51) .335 (7,62) .300 (10,92) .430 (13,46) .530 (18,54) .730 (21,08) .830 (23,62) .930 (26,16) 1.030 (31,24) 1.230 (13,46) .530 (18,54) .730 (21,08) .830 (2,67) .105 (2,67) .105 (5,84) .230 (8,13) .320 (13,21) .520 (8,13) .320 (15,74) .620 (3,30) .130 (2,41) .095 (2,54) .100 (5,08) .200 (10,16) .400 (12,70) .500 (15,24) .600 (17,78) .700 (22,86) .900 (2,79) .110 (7,87) .310 (2,79) .110 * available with ? ll (locking lead) option lead style (5,84) .230 (8,13) .320 (5,84) .230 c c b a a (2,54) .100 (1,78) .070 (2,54) .100 (2,54) .100 c ? ra or ?re = right angle plating option (2,54) .100 (0,64) .025 sq tail (0,64) .025 sq post c b a * * * * * * * * * * * specify -07 for best mate with idxx series idc cable ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail ?g = 10" (0,25m) gold on post, gold ? ash on balance ?t = matte tin ?ss = 30" (0,76m) gold stripe on contact area, gold ? ash to tip, matte tin on tail (mates with ssw, ssq, ssm, esw, esq, bcs only) (straight lead styles -07, -08, -09 and right angle (-ra) -08 only) ?s = single row ?d = double row ?t = triple row ?q = double row (5,08mm) .200" row space also available elevated right angle option. call samtec. ?18 ?19 ? 20 ? 21 ? 22 ? 23 ? 24 ? 25 ? 26 ? 27 ? 28 ? 29 ? 30 ? 41 + ? 42 + b style a c (23,62) .930 (26,16) 1.030 (31,24) 1.230 (36,32) 1.430 (16,00) .630 (11,30) .445 (12,15) .480 (16,00) .630 (11,58) .456 (33,78) 1.330 (28,70) 1.130 (33,78) 1.330 (28,70) 1.130 (9,27) .365 (11,94) .470 (2,79) .110 (7,62) .300 (2,92) .115 (5,33) .210 (3,20) .126 (25,40) 1.000 (20,32) .800 (23,11) .910 (18,03) .710 (0,89) .035 (1,27) .050 (18,29) .720 (20,83) .820 (25,91) 1.020 (30,99) 1.220 (5,84) .230 (6,73) .265 (8,13) .320 (5,84) .230 (8,13) .320 (5,84) .230 (8,13) .320 ??xxx? = polarized position + style ?41 & ?42 available with htsw only. except: style ?26 (0,46) .018 dia tail ?lc = locking clip (styles ?08 thru ?13 & ?22 only) locking clip pc board idss or idsd strip assembly .025" sq terminal strip (tsw) requires 4 pin minimum (na with -t,-q,-ra or -re) *available with ? la (locking lead) option ?la = ?ra option with ?ll option row option note: other gold plating options available. contact samtec. ?ll = locking lead ?na = right angle (using straight body for coplanar mating with ssw-ra series) (1,27) .050 specify ?ss for cost-effective heavy gold where it counts! lead style b ? ra (1,52) .060 ? re (4,06) .160 * * * * * * *


▲Up To Search▲   

 
Price & Availability of HTSW-105-15-T-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X